Part Number Hot Search : 
LA4571 LA4571 DTA143X 19NC60 89C51RC A2733 RFP15P06 74F219PC
Product Description
Full Text Search
 

To Download SFP30N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SemiWell Semiconductor
SFP30N06
N-Channel MOSFET
Features

Low RDS(on) (0.04 )@VGS=10V Low Gate Charge (Typical 27nC) Low Crss (Typical 75pF) Improved dv/dt Capability 100% Avalanche Tested Maximum Junction Temperature Range (175C)
Symbol
2. Drain
1. Gate

3. Source
General Description
This Power MOSFET is produced using SemiWell's advanced planar stripe, DMOS technology. This latest technology has been especially designed to minimize on-state resistance, have a low gate charge with superior switching performance, and rugged avalanche characteristics. This Power MOSFET is well suited for synchronous DC-DC Converters and Power Management in portable and battery operated products.
TO-220
12
3
Absolute Maximum Ratings
Symbol
VDSS ID IDM VGS EAS dv/dt PD TSTG, TJ TL Drain to Source Voltage Continuous Drain Current(@TC = 25C) Continuous Drain Current(@TC = 100C) Drain Current Pulsed Gate to Source Voltage Single Pulsed Avalanche Energy Peak Diode Recovery dv/dt Total Power Dissipation(@TC = 25 C) Derating Factor above 25 C Operating Junction Temperature & Storage Temperature Maximum Lead Temperature for soldering purpose, 1/8 from Case for 5 seconds.
(Note 2) (Note 3) (Note 1)
Parameter
Value
60 30 21.2 120 20 430 7.0 79 0.53 - 55 ~ 175 300
Units
V A A A V mJ V/ns W W/C C C
Thermal Characteristics
Symbol
RJC RCS RJA
Parameter
Thermal Resistance, Junction-to-Case Thermal Resistance, Case to Sink Thermal Resistance, Junction-to-Ambient
Value Min.
-
Typ.
0.5 -
Max.
1.90 62.5
Units
C/W C/W C/W
September, 2002. Rev. 0.
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
1/7
SFP30N06
Electrical Characteristics
Symbol Off Characteristics
BVDSS BVDSS/ TJ IDSS Drain-Source Breakdown Voltage Breakdown Voltage Temperature coefficient Zero Gate Voltage Drain Current Gate-Source Leakage, Forward Gate-Source Leakage, Reverse VGS = 0V, ID = 250uA ID = 250uA, referenced to 25 C VDS = 60V, VGS = 0V VDS = 48V, TC = 150 C VGS = 20V, VDS = 0V VGS = -20V, VDS = 0V VDS = VGS, ID = 250uA VGS =10 V, ID = 15A 60 0.062 1 10 100 -100 V V/C uA uA nA nA ( TC = 25 C unless otherwise noted )
Parameter
Test Conditions
Min
Typ
Max
Units
IGSS
On Characteristics
VGS(th) RDS(ON) Gate Threshold Voltage Static Drain-Source On-state Resistance 2.0 0.029 4.0 0.04 V
Dynamic Characteristics
Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd Input Capacitance Output Capacitance Reverse Transfer Capacitance VGS =0 V, VDS =25V, f = 1MHz 930 290 75 1210 380 100 pF
Dynamic Characteristics
Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge(Miller Charge) VDS =48V, VGS =10V, ID =30A see fig. 12.
(Note 4, 5)
VDD =30V, ID =15A, RG =50 see fig. 13.
(Note 4, 5)
15 25 60 40 27 6.2 11.1
40 60 130 90 35 nC ns
-
Source-Drain Diode Ratings and Characteristics
Symbol
IS ISM VSD trr Qrr NOTES
1. Repeativity rating : pulse width limited by junction temperature 2. L = 560uH, IAS =30A, VDD = 25V, RG = 0 , Starting TJ = 25C 3. ISD 30A, di/dt 300A/us, VDD BVDSS, Starting TJ = 25C 4. Pulse Test : Pulse Width 300us, Duty Cycle 2% 5. Essentially independent of operating temperature.
Parameter
Continuous Source Current Pulsed Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Test Conditions
Integral Reverse p-n Junction Diode in the MOSFET IS =30A, VGS =0V IS=30A,VGS=0V,dIF/dt=100A/us
Min.
-
Typ.
45 65
Max.
30 120 1.5 -
Unit.
A V ns nC
2/7
SFP30N06
Fig 1. On-State Characteristics
2
Fig 2. Transfer Characteristics
10
2
10
10
1
ID, Drain Current [A]
ID, Drain Current [A]
VGS 15.0 V 10.0 V 8.0 V 7.0 V 6.0 V 5.5 V Bottom : 5.0 V Top :
10
1
175 C 25 C -55 C
o o
o
Notes : 1. 250 s Pulse Test 2. TC = 25
Notes : 1. VDS = 25V 2. 250 s Pulse Test
10 -1 10
0
10
0
10
1
10
0
2
4
6
8
10
VDS, Drain-Source Voltage [V]
VGS, Gate-Source Voltage [V]
Fig 3. On Resistance Variation vs. Drain Current and Gate Voltage
100 10
2
Fig 4. On State Current vs. Allowable Case Temperature
RDS(ON), Drain-Source On-Resistance[m ]
VGS = 10V
60
VGS = 20V
40
IDR, Reverse Drain Current[A]
80
10
1
175 25
Notes : 1. VGS = 0V 2. 250 s Pulse Test
20
Note : TJ = 25
0
0
20
40
60
80
100
120
140
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
ID, Drain Current [A]
VSD, Source-Drain voltage[V]
Fig 5. Capacitance Characteristics
2000
Ciss=Cgs+Cgd(Cds=shorted) Coss=Cds+Cgd Crss=Cgd
Fig 6. Gate Charge Characteristics
12
VGS, Gate-Source Voltage [V]
10
VDS = 30V VDS = 48V
1500
Capacitance [pF]
1000
Ciss
Notes : 1. VGS = 0V 2. f=1MHz
8
6
500
Coss Crss
4
2
Note : ID = 30.0 A
0
0
5
10
15
20
25
30
35
0
0
5
10
15
20
25
30
VDS, Drain-Source Voltage [V]
Qg, Total Gate Charge [nC]
3/7
SFP30N06
Fig 7. Breakdown Voltage Variation vs. Junction Temperature
1.2
3.0
Fig 8. On-Resistance Variation vs. Junction Temperature
BVDSS, (Normalized) Drain-Source Breakdown Voltage
1.1
RDS(ON), (Normalized) Drain-Source On-Resistance
2.5
2.0
1.0
1.5
1.0
0.9
Notes : 1. VGS = 0 V 2. ID = 250 A
0.5
Notes : 1. VGS = 10 V 2. ID = 15 A
0.8 -100
-50
0
50
100
o
150
200
0.0 -100
-50
0
50
100
o
150
200
TJ, Junction Temperature [ C]
TJ, Junction Temperature [ C]
Fig 9. Maximum Safe Operating Area
10
3
Fig 10. Maximum Drain Current vs. Case Temperature
35
Operation in This Area is Limited by R DS(on)
2
30
ID, Drain Current [A]
10
1 ms
10
1
ID' Drain Current [A]
100 s
25 20 15 10 5 0 25
10 ms DC
10
0
Notes :
1. TC = 25 C 2. TJ = 175 C 3. Single Pulse
o
o
10
-1
10
-1
10
0
10
1
10
2
50
75
100
125
o
150
175
VDS, Drain-Source Voltage [V]
TC' Case Temperature [ C]
Fig 11. Transient Thermal Response Curve
Z JC Thermal Response (t),
10
0
D =0.5
0.2 0.1
10
-1
0.05 0.02 0.01 single pulse
N otes : 1. Z JC = 1.9 /W M ax. (t) 2. D uty F actor, D = t 1 /t 2 3. T JM - T C = P D M * Z JC (t)
10
-2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
t 1 , S q uare W ave P ulse D uration [sec]
4/7
SFP30N06
Fig. 12. Gate Charge Test Circuit & Waveforms
50K 12V 200nF 300nF
Same Type as DUT VDS
VGS 10V Qgs Qg
VGS
Qgd
DUT
1mA
Charge
Fig 13. Switching Time Test Circuit & Waveforms
VDS
RL VDD
( 0.5 rated V DS )
VDS
90%
10V V Pulse Generator RG
DUT
Vin
10%
td(on) t on
tr
td(off) t off
tf
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
VDS ID RG
L VDD
BVDSS 1 EAS = ---- LL IAS2 -------------------2 BVDSS -- VDD BVDSS IAS ID (t)
10V
DUT
VDD
tp
VDS (t) Time
5/7
SFP30N06
Fig. 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
+ VDS _
IS
L
Driver RG
Same Type as DUT
VDD
VGS
* dv/dt controlled by RG * IS controlled by pulse period
VGS ( Driver )
Gate Pulse Width D = -------------------------Gate Pulse Period
10V
IFM , Body Diode Forward Current
IS ( DUT ) IRM
di/dt
Body Diode Reverse Current
VDS ( DUT )
Body Diode Recovery dv/dt
Vf
VDD
Body Diode Forward Voltage Drop
6/7
SFP30N06
TO-220 Package Dimension
Dim. A B C D E F G H I J K L M N O
Min. 9.7 6.3 9.0 12.8 1.2
mm Typ.
Max. 10.1 6.7 9.47 13.3 1.4
Min. 0.382 0.248 0.354 0.504 0.047
Inch Typ.
Max. 0.398 0.264 0.373 0.524 0.055
1.7 2.5 3.0 1.25 2.4 5.0 2.2 1.25 0.45 0.6 3.6 3.4 1.4 2.7 5.15 2.6 1.55 0.6 1.0 0.118 0.049 0.094 0.197 0.087 0.049 0.018 0.024
0.067 0.098 0.134 0.055 0.106 0.203 0.102 0.061 0.024 0.039 0.142
O
E B
A
H
I
F
C M
G 1 D 2 3
L
1. Gate 2. Drain 3. Source
N O
J K
7/7


▲Up To Search▲   

 
Price & Availability of SFP30N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X